Part Number Hot Search : 
AKF0175 BC858A MB100 61062 1N4072E3 30210 TA7681AP 24LC02N8
Product Description
Full Text Search
 

To Download AP2306AGN-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet capable of 2.5v gate drive bv dss 30v lower on-resistance r ds(on) 35m surface mount package i d 5a rohs compliant description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w t stg t j symbol value unit rthj-a maximum thermal resistance junction-ambient 3 90 /w data and specifications subject to change without notice thermal data parameter storage temperature range total power dissipation 1.38 -55 to 150 operating junction temperature range -55 to 150 continuous drain current 3 , v gs @ 4.5v 4 pulsed drain current 1 20 gate-source voltage + 8 continuous drain current 3 , v gs @ 4.5v 5 parameter rating drain-source voltage 30 1 AP2306AGN-HF halogen-free product 200810141 g d s d g s sot-23 advanced power mosfets utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and cost-effectiveness device. the sot-23 package is widely used for all commercial-industrial applications.
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v r ds(on) static drain-source on-resistance 2 v gs =4.5v, i d =5a - - 35 m ? ? ? ,
a p2306agn-h f fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 20 40 60 80 01234567 v ds , drain-to-source voltage (v) i d , drain current (a) t a =25 o c v g =2.5v 4.0v 5.0v 4.5v 0 10 20 30 40 50 012345678 v ds , drain-to-source voltage (v) i d , drain current (a) t a =150 o c 4.0v v g =2.5v 4.5v 5.0v 0.01 0.1 1 10 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.4 0.6 0.8 1 1.2 25 50 75 100 125 150 t j , junction temperature ( o c ) v gs(th) (v) 0.8 1.0 1.2 1.4 1.6 1.8 25 50 75 100 125 150 t j , junction temperature ( o c) normalized r ds(on) v g =4.5v i d =5a 20 30 40 50 60 02468 v gs , gate-to-source voltage (v) r ds(on) (m
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 AP2306AGN-HF t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 4.5v q gs q gd q g charge 0 2 4 6 8 0481216 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =5a v ds =16v 0.01 0.1 1 10 100 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) 1ms 10ms 100ms 1s dc t a =25 o c single pulse 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a rthja = 270
package outline : sot-23 millimeters min nom max a 1.00 1.15 1.30 a1 0.00 -- 0.10 a2 0.10 0.15 0.25 d1 0.30 0.40 0.50 e 1.70 2.00 2.30 d 2.70 2.90 3.10 e 2.40 2.65 3.00 e1 1.40 1.50 1.60 1.all dimension are in millimeters. 2.dimension does not include mold protrusions. part marking information & packing : sot-23 advanced power electronics corp. symbols n8yy part number : n8 if second letter has underline : hf & rohs product if second letter has not underline : rohs product d e1 e e d1 a a1 a2 date code : yy yy:2004,2008,2012? yy :2003,2007,2011? y y:2002,2006,2010? yy :2001,2005,2009? 5


▲Up To Search▲   

 
Price & Availability of AP2306AGN-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X